PART |
Description |
Maker |
M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M |
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V surface mount silicon Zener diodes Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
BCW89 |
Low current (max. 100 mA). Low voltage (max. 60 V).Collector-base voltage VCBO -80 V
|
TY Semiconductor Co., Ltd
|
BCX70H |
Low current (max. 100 mA). Low voltage (max. 45 V).Collector-base voltage VCBO 45 V
|
TY Semiconductor Co., Ltd
|
NTE943SM NTE943 NTE943M |
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator Integrated Circuit Low Power Low Offset Dual Voltage Comparator Integrated Circuit Low Power / Low Offset / Dual Voltage Comparator DUAL COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO8
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
STG3685 |
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH
|
ST Microelectronics
|
BSR17A |
High current (max. 100 mA). Low voltage (max. 40 V). Emitter-base voltage VEBO 6 V
|
TY Semiconductor Co., Ltd
|
STG3856 |
Low Voltage 1.0?/a> Max Dual SP3T Switch With Break Before Make Feature
|
STMicroelectronics
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
BCW71 |
Low current (max. 100 mA). Low voltage (max. 45 V). Low noise.
|
TY Semiconductor Co., Ltd
|
OP-270A OP-270AJ8 OP-270E OP-270EJ8 OP-270G OP-270 |
From old datasheet system Dual/Quad Low Noise / Precision Operational Amplifiers Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 75 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 400 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 250 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDSO16 Dual/Quad Low Noise, Precision Operational Amplifiers 四低噪声,高精度运算放大
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
X9119TV14 X9119TV14-2.7 X9119TV14I X9119TV14I-2.7 |
IGBT MODULE, 1200V, 54A; Transistor type:IGBT4; Current, Ic continuous a max:56A; Voltage, Vce sat max:2.05V; Case style:MiniSkiiP 2 ; Current, Ic continuous b max:45A; Time, rise:35ns; Voltage, Vce sat typ:1.85V; Voltage, RoHS Compliant: Yes Single Supply/Low Power/1024-Tap/2-Wire Bus
|
INTERSIL[Intersil Corporation]
|
STG4259 STG4259BJR |
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection Low voltage 0.3ヘ max dual SPDT switch with break-before-make feature and 15KV ESD protection
|
STMicroelectronics
|